Part Number Hot Search : 
AP2302 AQV216 AT216 E440C ACT9213 MAX874 PSMN0 SX8124
Product Description
Full Text Search
 

To Download 35857-1649 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 06/04/2010 please check www.molex.com for latest part information part number: 0358571649 status: active overview: description: 1.00mm (.039") pitch ffc connector, vertical, non-zif, 16 circuits, 2.80mm (.110") straight pc tail, tube packaging agency certification csa lr19980 ul e29179 general product family ffc/fpc connectors series 35857 overview ffc_fpc_throughhole product name n/a physical circuits (loaded) 16 color - resin black contact position n/a durability (mating cycles max) 10 entry angle vertical flammability 94v-0 mated height (in) 0.205 in mated height (mm) 5.20 mm material - metal phosphor bronze material - plating mating tin material - plating termination tin material - resin nylon number of rows 1 orientation vertical pc tail length (in) 0.110 in pc tail length (mm) 2.80 mm pcb locator no pcb retention none packaging type tube pitch - mating interface (in) 0.039 in pitch - mating interface (mm) 1.00 mm plating min: mating (in) 32.00 plating min: mating (m) 0.800 plating min: termination (in) 32.00 plating min: termination (m) 0.80 polarized to pcb no stackable no temperature range - operating -20c to +80c termination interface: style through hole wire/cable type ffc/fpc electrical current - maximum per contact 0.5a voltage - maximum 50v material info reference - drawing numbers packaging specification pk-35857-001 product specification ps-35857-001 eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 35857 series
sales drawing sd-35857-***9, sd-35857-**41 this document was generated on 06/04/2010 please check www.molex.com for latest part information



▲Up To Search▲   

 
Price & Availability of 35857-1649

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X